Part Number Hot Search : 
01200 030PA2A3 B41695 R4F90018 D4001 3A010A 4V05C270 BUY90
Product Description
Full Text Search
 

To Download 6N113508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6N1135/6N1136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
FEATURES
* Operating temperature from - 55 C to + 110 C * Isolation test voltages: 5300 VRMS * TTL compatible
NC A C NC
i179081
1 2 3 4
8 7 6 5
C (VCC) B (VB) C (VO) E (GND)
* High bit rates: 1.0 MBd * Bandwidth 2.0 MHz * Open-collector output * External base wiring possible * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
DESCRIPTION
The 6N1135 and 6N1136 are 110 C rated optocouplers with a GaAIAs infrared emitting diode, optically coupled with an integrated photo detector which consists of a photo diode and a high-speed transistor in a DIP-8 plastic package. Signals can be transmitted between two electrically separated circuits up to frequencies of 2.0 MHz. The potential difference between the circuits to be coupled should not exceed the maximum permissible reference voltages.
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J * DIN EN 60747-5-5 * CUL - file no. E52744, equivalent to CSA bulletin 5A
ORDER INFORMATION
PART 6N1135 6N1136 6N1135-X007 6N1136-X006 6N1136-X007 6N1136-X009 Note For additional information on the available options refer to option information. REMARKS CTR 7 %, DIP-8 CTR 19 %, DIP-8 CTR 7 %, SMD-8 (option 7) CTR 19 %, DIP-8 400 mil (option 6) CTR 19 %, SMD-8 (option 7) CTR 19 %, SMD-8 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Forward current Peak forward current Maximum surge forward current Thermal resistance Power dissipation OUTPUT Supply voltage Output voltage Emitter base voltage Output current Maximum Output current Base current Thermal resistance Power dissipation www.vishay.com 160
(1)
TEST CONDITION
SYMBOL VR IF
VALUE 5.0 25 50 1.0 700 45 - 0.5 to 15 - 0.5 to 15 5.0 8.0 16 5.0 300 100
UNIT V mA mA A K/W mW V V V mA mA mA K/W mW Document Number: 83909 Rev. 1.6, 07-May-08
t = 1.0 ms, duty cycle 50 % t 1.0 s, 300 pulses/s Tamb = 70 C
IFM IFSM Rth Pdiss VCC VO VEBO IO IB
Tamb = 70 C
Pdiss
For technical questions, contact: optocoupler.answers@vishay.com
6N1135/6N1136
High Speed Optocoupler, 1 MBd, Vishay Semiconductors Photodiode with Transistor Output, 110 C Rated
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage (between emitter and detector climate per DIN 50014 part 2, Nov. 74) Storage temperature range Ambient temperature range Soldering temperature (2) max. 10 s, dip soldering 0.5 mm from case bottom t = 1.0 s VISO Tstg Tamb Tsld 5300 - 55 to + 125 - 55 to + 100 260 VRMS C C C
(1)
TEST CONDITION
SYMBOL
VALUE
UNIT
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP).
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Breakdown voltage Reverse current Capacitance Temperature coefficient, forward voltage OUTPUT Logic low supply current Logic high supply current IF = 1.6 mA, VO = open, VCC = 15 V IF = 0 mA, VO = open, VCC = 15 V IF = 16 mA, VCC = 4.5 V, IO = 1.1 mA, IF = 16 mA, VCC = 4.5 V, IO = 2.4 mA, IF = 0 mA, VO = VCC = 5.5 V IF = 0 mA, VO = VCC = 15 V f = 1.0 MHz IF = 16 mA, VO = 0.4 V, VCC = 4.5 V IF = 16 mA, VO = 0.5 V, VCC = 4.5 V 6N1135 6N1136 6N1135 6N1136 6N1135 6N1136 ICCL ICCH VOL VOL IOH IOH CIO CTR CTR CTR CTR 7.0 19 5.0 15 150 0.01 0.1 0.1 3.0 0.01 0.6 16 35 1 0.4 0.4 500 1 A A V V nA A pF % % % % IF = 1.6 mA IR = 10 A VR = 5.0 V VR = 0 V, f = 1.0 MHz IF = 1.6 mA VF VBR IR CI VF/TA 5.0 0.5 125 - 1.7 10 1.6 1.9 V V A pF mV/C TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Output voltage, output low
Output current, output high COUPLER Capacitance (input to output)
Current transfer ratio
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Document Number: 83909 Rev. 1.6, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 161
6N1135/6N1136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
PART 6N1135 6N1136 6N1135 6N1136 SYMBOL tPHL tPHL tPLH tPLH MIN. TYP. 0.3 0.2 0.3 0.2 MAX. 1.5 0.8 1.5 0.8 UNIT s s s s
SWITCHING CHARACTERISTICS
PARAMETER High to low Low to high TEST CONDITION IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k
Pulse generator Z O = 50 t r ,t f = 5 ns duty cycle 10 % t 100 s
IF
t
1 IF 2
IF Monitor
8 7 6 5
RL
5V
VO
5V 1.5 V t
3
i 100
VO
CL 15 pF
VOL tPHL
4
tPLH
i6n135_01
Fig. 1 - Switching Times
COMMON MODE TRANSIENT IMMUNITY
PARAMETER High Low TEST CONDITION IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k PART 6N135 6N136 6N135 6N136 SYMBOL |CMH| |CMH| |CML| |CML| MIN. TYP. 1000 1000 1000 1000 MAX. UNIT V/s V/s V/s V/s
VCM 10 V IF 1 2 3 4 8 7 6 5 RL VO VO 5V A: IF = 0 mA +VCM 5V 10 % 0V tr tf A B VFF 90 % t 90 % 10 %
Pulse generator Z O = 50 t r,t f = 8 ns
VO
t
VOL
B: IF = 16 mA t
i6n135_02
Fig. 2 - Common-Mode Interference Immunity
www.vishay.com 162
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83909 Rev. 1.6, 07-May-08
6N1135/6N1136
High Speed Optocoupler, 1 MBd, Vishay Semiconductors Photodiode with Transistor Output, 110 C Rated
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC 68 part 1) Pollution degree (DIN VDE 0109) Comparative tracking index per DIN IEC112/VDE 0303 part 1, group IIIa per DIN VDE 6110 VIOTM VIORM Isolation resistance PSI ISI TSI Creepage distance Clearance distance Insulation thickness VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C CTI VIOTM VIORM RIO RIO PSI ISI TSI 7.0 7.0 0.2 175 8000 630 1012 1011 500 300 175 TEST CONDITION SYMBOL MIN. TYP. 55/110/21 2.0 399 V V mA mW C mm mm mm MAX. UNIT
Note As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS Tamb = 25 C, unless otherwise specified
2.3 2.1 - 55 C I C - Collector Current (mA )
1.9 1.7 1.5 1.3 1.1 0.9 0.7 0.01 110 C 25 C 50 C
0.10
1.00
10.00
100.00
17586
12 11 10 9 8 7 6 5 4 3 2 1 0
IF = 25 mA 20 mA 15 mA 10 mA
V F - Forward Voltage (V)
5 mA Tamb = 25 C, VCC= 5 V, non-saturated
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 VCE - Collector Emitter Voltage (V)
17585
IF - Forward Current (mA )
Fig. 3 - Forward Voltage vs. Forward Current
Fig. 4 - Collector Current vs. Collector Emitter Voltage
Document Number: 83909 Rev. 1.6, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 163
6N1135/6N1136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
8
2.50
CTR Norm - Normalized CTR Tamb = 25 C, VCC= 5 V, saturated IF = 25 mA 20 mA 15 mA 10 mA
7
2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25
IF = 1 mA 5 mA 10 mA
I C - Collector Current (mA)
6 5 4 3 2 1 0 0.0
16 mA Normalized to IF = 16 mA, Tamb = 25 C, VCC = 5 V VO = 0.4 V, saturated
5 mA 1 mA 0.1 0.2 0.3 0.4 0.5
17629
VCE - Collector Emitter Voltage (V)
0.00 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C) 17631
Fig. 5 - Collector Current vs. Collector Emitter Voltage
Fig. 8 - Normalized Current Transfer Ratio vs. Ambient Temperature
ICE0 - Collector Emitter Leakage Current (nA)
1000 100 VCC = VCE = 15 V 10 1 0.1 VCC = VCE = 5 V I C - Collector Current (mA)
7 IF = 20 mA 6 5 4 3 2 1 1 mA 0 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C) VCC = 5 V, VO = 0.4 V, saturated 2 mA 16 mA
10 mA
0.01 - 55 - 35 - 15 5
25 45 65 85 105 125
17587
17590
Tamb - Ambient Temperature (C)
Fig. 6 - Collector Emitter Dark Current vs. Ambient Temperature
Fig. 9 - Output Current vs. Temperature
2.0 1.8
CTR Norm - Normalized CTR
2.0 1.8
CTR Norm - Normalized CTR
IF = 1 mA 5 mA
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 Normalized to IF = 10 mA, Tamb = 25 C, VCC = 5 V VO = 0.4 V, saturated
IF = 1 mA
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
5 mA 10 mA
10 mA
Normalized to IF = 10 mA, Tamb = 25 C, VCC = 5 V VO = 5 V, non-saturated
17630
0.0 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C)
17632
0.0 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C)
Fig. 7 - Normalized Current Transfer Ratio vs. Ambient Temperature
Fig. 10 - Normalized Current Transfer Ratio vs. Ambient Temperature
www.vishay.com 164
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83909 Rev. 1.6, 07-May-08
6N1135/6N1136
High Speed Optocoupler, 1 MBd, Vishay Semiconductors Photodiode with Transistor Output, 110 C Rated
2.0 1.8
CTR Norm - Normalized CTR
100.00 IF = 1 mA 5 mA Ip - Photo Current ( A) 10.00 - 55 C 0 C
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
10 mA 16 mA Normalized to IF = 16 mA, Tamb = 25 C, VCC = 5 V VO = 5 V, non-saturated
1.00
25 C 50 C
0.10
110 C VCC = 5 V
17633
0.0 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C)
0.01 0.01
17636
0.10 1.00 10.00 IF - Forward Current (mA)
100.00
Fig. 11 - Normalized Current Transfer Ratio vs. Ambient Temperature
Fig. 14 - Photo Current vs. Forward Current
1.4 1.3 1.2 Normalized h FE 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.10
17634
10
50 C
110 C Norm. Photo Current
1 0.1 25 C 0.01 0.001 110 C 50 C VCC = 5 V normalized to IF = 16 mA 100.00 - 55 C 0 C
25 C 0 C - 55 C Normalized to IB = 20 A, Tamb = 25 C VO = 5 V, non saturated 1.00 10.00 IB - Base Current (mA) 100.00
0.0001 0.01
17637
0.10 1.00 10.00 IF - Forward Current (mA)
Fig. 12 - Normalized hFE vs. Base Current
Fig. 15 - Photo Current vs. Forward Current
2.0 1.8 1.6 Normalized h FE 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.10
17635
3000
110 C 50 C t - Switching Time (ns)
2500 2000 1500 1000
VCC = VO = 5 V, IF = 16 mA Tamb = 25 C toff
25 C 0 C - 55 C Normalized to IB = 20 A, Tamb = 25 C VO = 0.4 V, saturated 1.00 10.00 100.00
ton
500 0 0.0
IB - Base Current (mA)
17638
0.5 1.0 1.5 2.0 RL - Load Resistance (k )
2.5
Fig. 13 - Normalized hFE vs. Base Current
Fig. 16 - Switching Time vs. Load Resistance
Document Number: 83909 Rev. 1.6, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 165
6N1135/6N1136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
VCC = VO = 5 V, 20000 t - Switching Time (ns) 15000 10000 5000 ton 0 0
17639
Small Signal Current Transfer Ratio
25000 IF = 16 mA Tamb = 25 C toff
0.6 0.5 0.4 0.3 0.2 VCC = VO = 5 V, 0.1 0.0 5 10 15 20
17591
RL = 100 , RLED = 50 , Tamb = 25 C 0 5 10 15 20 IF - Forward Current (mA) 25
RL - Load Resistance (k )
Fig. 17 - Switching Time vs. Load Resistance
Fig. 20 - Small Signal CTR vs. Forward Current
1800
t P - Propagation Delay time (ns)
0.6
RL = 1.9 k, Tamb = 25 C tPLH (3 V) tPLH (1.5 V) tPHL (1.5 V) tPHL (3 V)
1600 1400 1200 1000 800 600 400 200
IF/IO/Small Signal Current Transfer Ratio
VCC = 5 V, IF = 16 mA
(VCC = 5 V, RL = 100 ) 0.5 0.4 0.3 0.2 0.1 0 0 5 10 15 20 25
17588
0 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C)
i6n135_11
IF/mA
Fig. 18 - Propagation Delay vs. Ambient Temperature
Fig. 21 - Small Signal Current Transfer Ratio vs. Quiescent Input Current
3000 Tamb = 25 C, VCC = 5 V,
t P - Propagation Delay time (ns)
2500 2000 1500 1000 500
IF = 16 mA, RL = 4.1 k
tPLH (3 V)
tPLH (1.5 V)
tPHL (1.5 V)
17589
tPHL (3 V) 0 - 55 - 35 - 15 5 25 45 65 85 105 125 Tamb - Ambient Temperature (C)
Fig. 19 - Propagation Delay vs. Ambient Temperature
www.vishay.com 166
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83909 Rev. 1.6, 07-May-08
6N1135/6N1136
High Speed Optocoupler, 1 MBd, Vishay Semiconductors Photodiode with Transistor Output, 110 C Rated
PACKAGE DIMENSIONS in inches (millimeters)
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.050 (1.27) 0.020 (0.51) 0.018 (0.46) 0.022 (0.56)
i178006
0.031 (0.79)
0.300 (7.62) typ.
10 0.035 (0.89) 0.100 (2.54) typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.230 (5.84) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
0.012 (0.30 ) typ.
0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92)
0.331 (8.4) min. 0.406 (10.3) max.
15 max.
18450
Document Number: 83909 Rev. 1.6, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 167
6N1135/6N1136
High Speed Optocoupler, 1 MBd, Vishay Semiconductors Photodiode with Transistor Output, 110 C Rated
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83909 Rev. 1.6, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 168
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 6N113508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X